Part Number Hot Search : 
SAB0600 Z5226B SSM2161S TD4100 SMLG17 3DD1300 B82143A TL494CN
Product Description
Full Text Search
 

To Download NAWU330M10V5X63LBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nawu 100 m 16v 4x6.3 l b y f rohs compliant termination/packaging code: s = 100% sn/13" reel , ls = 100% sn/15" reel b = sn-bi/13" reel, lb = sn-bi/15" reel peak re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in mf, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site specifications are subject to change rated voltage range 6.3 ~ 400vdc rate capacitance range 1.0 ~ 220f oerating temp. range -40c ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c 0.01cv or 3a whichever is greater < 1000f = 0.03cv +15 > 1000f = 0.02cv +25 tan @120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 100 160 200 400 s.v.(vdc) 8 13 20 32 44 63 125 200 250 450 tan 0.30 0.24 0.20 0.16 0.14 0.14 0.18 0.2 0.2 0.25 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 100 160 200 400 z-25c/z+20c 4322222336 z-40c/z+20c 107533336610 load life test @ 105c 5,000hrs capacitance change within 30% of initial measured value tan less than 300% of speci ed max. value leakage current less than speci ed max. value surface mount aluminum electrolytic capacitors nawu series ? cylindrical v-chip construction for surface mounting ? high temperature, extend life (5000 hours @ 105c) ? 4x6.3mm ~ 18x22mm case sizes ? designed for reflow soldering ? meets the requirements of aec-q200* *contact nic for supporting test data characteristics features precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com code peak re ow temperature l 250c k 245c j 240c h 235c g 230c code finish & reel size b sn-bi finish & 13" reel lb sn-bi finish & 15" reel s 100% sn finish & 13" reel ls 100% sn finish & 15" reel peak reflow temperature codes termination finish & packaging options codes note: 16mm & 18mm diameter parts are only available with sn nish expanded capacitance/voltage range
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change standard values, part numbers and maximum ripple current part number w.v. (vdc) cap. (f) dissipaton factor (tan ) ripple current rating (ma @ 105c/120hz) load life hours @ +105c nawu330m6.3v5x6.3lbf 6.3 33 0.30 35 5,000 nawu470m6.3v5x6.3lbf 47 0.30 38 5,000 nawu101m6.3v6.3x6.3lbf 100 0.30 69 5,000 nawu221m6.3v6.3x8lbf 220 0.30 101 5,000 nawu220m10v5x6.3lbf 10 22 0.24 30 5,000 nawu330m10v5x6.3lbf 33 0.24 35 5,000 nawu470m10v6.3x6.3lbf 47 0.24 50 5,000 nawu101m10v6.3x8lbf 100 0.24 81 5,000 nawu100m16v4x6.3lbf 16 10 0.20 18 5,000 nawu220m16v5x6.3lbf 22 0.20 30 5,000 nawu330m16v6.3x6.3lbf 33 0.20 48 5,000 nawu470m16v6.3x6.3lbf 47 0.20 50 5,000 nawu101m16v6.3x8lbf 100 0.20 81 5,000 nawu100m25v5x6.3lbf 25 10 0.16 25 5,000 nawu220m25v6.3x6.3lbf 22 0.16 42 5,000 nawu330m25v6.3x6.3lbf 33 0.16 50 5,000 nawu470m25v6.3x8lbf 47 0.16 63 5,000 nawu4r7m35v4x6.3lbf 35 4.7 0.14 16 5,000 nawu100m35v5x6.3lbf 10 0.14 27 5,000 nawu220m35v6.3x6.3lbf 22 0.14 44 5,000 nawu330m35v6.3x8lbf 33 0.14 57 5,000 nawu1r0m50v4x6.3lbf 50 1.0 0.14 8.0 5,000 nawu2r2m50v4x6.3lbf 2.2 0.14 11 5,000 nawu3r3m50v4x6.3lbf 3.3 0.14 14 5,000 nawu4r7m50v5x6.3lbf 4.7 0.14 19 5,000 nawu100m50v6.3x6.3lbf 10 0.14 32 5,000 nawu220m50v6.3x8lbf 22 0.14 49 5,000 nawu100m100v8x10.5jbf 100 10 0.18 55 5,000 nawu100m160v10x10.8jbf 160 10 0.20 43 5,000 nawu220m160v12.5x14h lbf 22 0.20 112 5,000 nawu330m160v12.5x14h lbf 33 0.20 137 5,000 nawu470m160v16x17g lsf 47 0.20 180 5,000 nawu680m160v16x17g lsf 68 0.20 215 5,000 nawu820m160v16x17g lsf 82 0.20 235 5,000 nawu101m160v18x17.5glsf 100 0.20 320 5,000 nawu121m160v18x22glsf 120 0.20 340 5,000 nawu3r3m200v8x10.8jbf 200 3.3 0.20 31 5,000 nawu4r7m200v8x10.8jbf 4.7 0.20 37 5,000 nawu100m200v10x10.8jbf 10 0.20 43 5,000 nawu220m200v12.5x14h lbf 22 0.20 112 5,000 nawu330m200v12.5x14h lbf 33 0.20 137 5,000 nawu470m200v16x17g lsf 47 0.20 180 5,000 nawu680m200v16x17g lsf 68 0.20 215 5,000 nawu680m200v18x17.5glsf 68 0.20 270 5,000 nawu101m200v18x22glsf 100 0.20 330 5,000 nawu2r2m400v8x10.8jbf 400 2.2 0.25 25 5,000 nawu3r3m400v10x10.8jbf 3.3 0.25 36 5,000 nawu4r7m400v10x10.8jbf 4.7 0.25 38 5,000 nawu100m400v12.5x14h lbf 10 0.25 57 5,000 nawu220m400v16x17g lsf 22 0.25 115 5,000 nawu270m400v18x17.5glsf 27 0.25 125 5,000 nawu330m400v18x22glsf 33 0.25 160 5,000 surface mount aluminum electrolytic capacitors nawu series for automotive equipment see part number system represents new value
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change case size d l max.* a 0.2 b 0.2 i 0.2 w p 0.2 4x6.3(6.1) 4.0 6.3 4.3 4.3 1.8 0.5 ~ 0.8 1.0 5x6.3 5.0 6.3 5.3 5.3 2.2 0.5 ~ 0.8 1.3 6.3x6.3 6.3 6.3 6.6 6.6 2.5 0.5 ~ 0.8 1.8 6.3x8 6.3 8.0 6.6 6.6 2.5 0.5 ~ 0.8 2.2 8x10.5 8.0 10.5 8.3 8.3 2.9 0.7 ~ 1.1 3.2 8x10.8 8.0 10.8 8.3 8.3 2.9 0.7 ~ 1.1 3.2 10x10.8 10.0 10.8 10.3 10.3 3.2 0.8 ~ 1.4 4.6 12.5x14 12.5 14 12.8 12.8 4.5 1.0 ~ 1.4 4.6 16x17 16 17 16.3 16.3 5.5 1.8 ~ 2.1 7.0 18x17.5 18 17.5 19.0 19.0 6.5 1.7 ~ 2.1 7.0 18x22 18 *21.5 +0.5 / -1.0 19.0 19.0 6.5 1.7 ~ 2.1 7.0 dimensions d x l (mm) cap (f) code working voltage (vdc) 6.3 10 16 25 35 50 100 160 200 400 1 . 01 r 0----- 4x6.3 ---- 2 . 22 r 2----- 4x6.3 - - - 8x10.8 3 . 33 r 3----- 4x6.3 - - 8x10.8 10x10.8 4 . 74 r 7---- 4x6.3 5x6.3 - - 8x10.8 10x10.8 10 100 - - 4x6.3 5x6.3 5x6.3 6.3x6.3 8x10.5 10x10.8 10x10.8 12.5x14 22 220 - 5x6.3 5x6.3 5x6.3 6.3x6.3 6.3x8 - 12.5x14 12.5x14 16x17 2 72 7 0--------- 18x17.5 33 330 5x6.3 5x6.3 6.3x6.3 6.3x6.3 6.3x8 - - 12.5x14 12.5x14 18x22 47 470 5x6.3 6.3x6.3 6.3x6.3 6.3x8 - - - 16x17 16x17 - 6 86 8 0------- 16x17 16x17 - 18x17.5 8 28 2 0------- 16x17 - - 100 101 6.3x6.3 6.3x8 6.3x8 ---- 18x17.5 18x22 - 1 2 01 2 1------- 18x22 - - 220 221 6.3x8 --------- standard products and case size table d x l (mm) 0.3mm max. d l + - i i w p a b ripple current frequency correction factor frequency hz 100 < f < 1k 1k < f < 10k 10k < f < 100k 100k < f 0.1 ~ 1.0 f 0.50 1.00 1.20 1.30 2.2 ~ 4.7 f 0.65 1.00 1.20 1.30 10 ~ 47 f 0.80 1.00 1.20 1.30 100 ~ 220 f 0.80 1.00 1.10 1.15 all 160v ~ 400v 50 120 300 1k 10k < f 0.75 1.00 1.20 1.30 1.50 surface mount aluminum electrolytic capacitors nawu series recommended land pattern (mm) + - b b a c solder pads case dia. a b c 4 1.0 2.6 1.6 5 1.4 3.0 1.6 6.3 2.1 3.5 1.6 8 2.8 4.1 2.1 10 4.3 4.4 2.5 12.5 4.3 5.8 2.5 16 6.6 6.5 5.0 18 6.6 7.7 5.0 represents new value
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nawu series review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl voltage diameter time above 200c (t) time above 217c (t1) time above 230c (t2) peak temperature 5 seconds (t) 6.3 ~ 50v 4 ~ 6.3mm 70 sec. max. 60 sec. max. 40 sec. max. 250c 100v 8mm 60 sec. max. 40 sec. max. 30 sec. max 240c 160 ~ 400v 8 ~ 10mm 50 sec. max. 30 sec. max. 20 sec. max. 240c 12.5mm 45 sec. max. 20 sec. max. 10 sec. max. 235c peak reflow temperature and duration capacitors can withstand two times reflow at the above conditions. second reflow shall be at least one hour after natural cool to room temperature. (t) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (t) 230 (t1) 217 (t) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (t) 230 (t2) (t1) 217 voltage diameter time above 200c (t) time above 217c (t1) peak temperature 5 seconds (t) 160 ~ 400v 16 ~ 18mm 30 sec. max. 15 sec. max. 230c peak reflow temperature and duration
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change carrier tape dimensions (mm) case size a 0.5 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 t max. s 0.1 4 x 6.3(6.1) 4.7 4.7 12.0 5.5 8.0 6.2 0.6 - 5 x 6.3 5.7 5.7 12.0 5.5 12.0 6.2 0.6 - 6.3 x 6.3 7.0 7.0 16.0 7.5 12.0 6.2 0.6 - 6.3 x 8 7.0 7.0 16.0 7.5 12.0 8.2 0.6 - 8 x 10.8 8.7 8.7 24.0 11.5 16.0 11.1 0.6 - 10 x 10.8 10.7 10.7 24.0 11.5 16.0 11.2 0.6 - 12.5 x 14 13.2 13.2 32.0 14.2 24.0 14.3 0.6 28.4 16 x 17 17.5 17.5 44.0 20.2 28.0 17.3 0.6 40.4 18x17.5 19.5 17.5 44.0 20.2 32.0 17.8 0.6 40.4 18x22 19.5 17.5 44.0 20.2 32.0 22.5 0.6 40.4 13? 0.5 3.0 0.5 330 or 380mm 50? min. 21 2.0 w reel case size w 1 quantity per reel tr13 (330mm) tr15 (380mm) 4 x 6.3(6.1) 14 1200 2000 5 x 6.3 14 800 1000 6.3 x 6.3 18 800 1000 6.3 x 8 18 500 900 8 x 10.8 26 300 500 10 x 10.8 26 300 500 12.5 x 14 34 - 250 16 x 17 46 - 200 18x17.5 46 - 175 18x22 46 - 125 surface mount aluminum electrolytic capacitors nawu series t a p feeding d b c 1.5+0.1/-0 1.75 + 0.15 t 4 + 0.1 s reel quantities


▲Up To Search▲   

 
Price & Availability of NAWU330M10V5X63LBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X